Part Number Hot Search : 
MJE295 D4202BD 242DR SD150 1N5225 01922 CP106 PT15D
Product Description
Full Text Search
 

To Download EPC3393-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PoE Flyback Transformer
ELECTRONICS INC.
EPC3393 & EPC3393-LF
* 45W PoE Application * Designed to work with LT1725 * Used in Flyback Topology Converter * Bobbin : UL94V-0 Recognized Materials * UL 1446 Class B Insulation System * Duty Cycle : 50% Max.
Electrical Parameters @ 25 C
Inductance (H 10%) @ 100 KHz, 1.0 Vrms 42 Pins 1-2 0.020 Pins 1-2 0.308 Pins 4-5 0.020 Pins 7-10 2.4:1 Pins 1-2:4-5 1:1 Pins 1-2:7-10 DCR ( Typ.) Turns Ratio Leakage Inductance (H Max.) @ 100 KHz, 1.0 Vrms 1.0 Pins 1-2 All other wdg's shorted 1500 Wdg's - Wdg's Wdg's - Core Dielectric Rating (Vrms)
Package
.738 (18.75) Pri. (36-57 Vdc) 1 2 4 5
Schematic
1.010 (25.65)
.148 (3.75) 5 Places
11
7 10
Sec. 36 V (1.25 A)
6
Vcc 15 V (10 mA) Component Outline 1.06 x 1.06 (27.00 x 27.00) O = .042 Drill (1.07) O = .090 Pad (2.29)
1.020 (25.91)
.787 (20.00)
1
PCB Layout (Top View)
5
.197 (5.00) 4 Places Pin 1 I.D.
PCA EPC3393(-LF) D.C.
.650 (16.50)
.118 (3.00) .197 (5.00) .148 (3.75)
.177 (4.50) .787 (20.00)
Notes : 1. Lead Finish 2. Peak Solder Rating
(for wave solder process Only)
EPC3393 SnPb 225C 21.6 grams (Tube) 20 pcs / tube
EPC3393-LF Hot Tin Dip (Sn) or (SnCu) 260C 21.6 grams 20 pcs / tube
3. Weight 4. Packaging Information
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3393 & -LF Rev. 12/10/07 JDG
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3393-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X